bar63v-05w document number 85699 rev. 1.3, 15-apr-05 vishay semiconductors www.vishay.com 1 18380 1 2 3 12 3 rf pin diodes - dual, common cathode in sot-323 description characterized by a very low reverse capacitance the pin diode bar63v-05w was designed for rf signal tuning. as a function of the forward bias current the forward resistance (rf) can be adjusted to less than 1 ? while the low reverse capacitance offers a high isolation. typical applications for this pin diodes are wireless, mobile and tv-systems. features ? low forward resistance very small reverse capacitance lead (pb)-free component component in accordance to rohs 2002/95/ec and weee 2002/96/ec applications for frequency up to 3 ghz rf-signal tuning mobile, wireless and tv-applications mechanical data case: sot-323 plastic case weight: approx. 6.0 mg packaging codes/options: gs18 / 10 k per 13" reel (8 mm tape), 10 k/box gs08 / 3 k per 7" reel (8 mm tape), 15 k/box parts table absolute maximum ratings t amb = 25 c, unless otherwise specified electrical characteristics t amb = 25 c, unless otherwise specified part ordering code marking remarks bar63v-05w bar63v-05w-gs18 or BAR63V-05W-GS08 cw5 tape and reel parameter test condition symbol value unit reverse voltage v r 50 v forward current i f 100 ma junction temperature t j 150 c storage temperature range t stg - 55 to + 150 c parameter test condition symbol min ty p. max unit reverse voltage i r = 10 av r 50 v reverse current v r = 35 v i r 10 na forward voltage i f = 100 ma v f 1.2 v diode capacitance f = 1 mhz, v r = 0 c d 0.28 pf f = 1 mhz, v r = 5 v c d 0.23 0.3 pf e3
www.vishay.com 2 document number 85699 rev. 1.3, 15-apr-05 bar63v-05w vishay semiconductors typical characteri stics (tamb = 25 c unless otherwise specified) forward resistance f = 100 mhz, i f = 1 ma r f 2.0 ? f = 100 mhz, i f = 5 ma r f 1.1 2.0 ? f = 100 mhz, i f = 10 ma r f 0.9 ? charge carrier life time i f = 10 ma, i r = 6 ma, i r = 3 ma t rr 115 ns parameter test condition symbol min ty p. max unit figure 1. forward resistance vs. forward current figure 2. diode capacitance vs. reverse voltage
!" #$ 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0 4 8 12 16 20 24 28 18333 v r - reverse v oltage (v) c - diode capacitance ( pf ) d f=1mhz figure 3. forward current vs. forward voltage figure 4. reverse voltage vs. reverse current 0.01 0.10 1.00 10.00 100.00 0.5 0.6 0.7 0.8 0.9 1.0 i - forward current ( ma ) v f - forward voltag e(v) 18325 f 0 20 40 60 80 100 120 0.01 0.1 1.0 10 100 1000 v - reverse v oltag e(v) i r - reverse current ( a) 18329 r
bar63v-05w document number 85699 rev. 1.3, 15-apr-05 vishay semiconductors www.vishay.com 3 package dimensions in mm (inches) figure 5. typical charge recovery curve -8 -6 -4 -2 0 2 4 6 8 10 12 -50 0 50 100 150 200 18337 recovery time ( ns ) i - forward current ( ma ) f i f =10ma i r =6ma i rr =3ma 96 12236 0.9 (0.035) 0.39 (0.015) mounting pad layout 0.95 (0.37) 0.95 (0.037) 2.0 (0.079) 1.00 (0.039) 10 0.10 (0.004) 0.10 (0.004) 2.05 (0.080) 2.00 (0.078) 1.25 (0.049) 0.30 (0.012) 1.3 (0.051) s o m e t h o d e
www.vishay.com 4 document number 85699 rev. 1.3, 15-apr-05 bar63v-05w vishay semiconductors ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate rele ases of those substances in to the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its po licy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semi conductors are not manufactured with ozone depleting substances and do not co ntain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buy er use vishay semiconductors products for any unintended or unauthorized application, the buyer sh all indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.
|